Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67078-A4402-A2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67078-A4402-A2
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67078-A4402-A2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67078-A4402-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67078-A4402-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Dec-06-1995
BUP 203
Maximum Ratings
Parameter
Symbol
Values
Unit
DIN humidity category, DIN 40 040
-
E
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56
Thermal Resistance
IGBT thermal resistance, chip case
RthJC
≤ 0.63
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Gate threshold voltage
VGE = VCE, IC = 0.7 mA
VGE(th)
4.5
5.5
6.5
V
Collector-emitter saturation voltage
VGE = 15 V, IC = 10 A, Tj = 25 °C
VGE = 15 V, IC = 10 A, Tj = 125 °C
VGE = 15 V, IC = 10 A, Tj = 150 °C
VCE(sat)
-
-
-
4
3.8
2.8
4.5
4.3
3.3
Zero gate voltage collector current
VCE = 1000 V, VGE = 0 V, Tj = 25 °C
VCE = 1000 V, VGE = 0 V, Tj = 125 °C
ICES
-
-
-
-
700
150
µA
Gate-emitter leakage current
VGE = 20 V, VCE = 0 V
IGES
-
0.1
100
nA
AC Characteristics
Transconductance
VCE = 20 V, IC = 10 A
gfs
3.5
5.5
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
1300
1750
pF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
100
150
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
50
75


Similar Part No. - Q67078-A4402-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67078-A4400-A2 SIEMENS-Q67078-A4400-A2 Datasheet
300Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Q67078-A4401-A2 SIEMENS-Q67078-A4401-A2 Datasheet
381Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results

Similar Description - Q67078-A4402-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP200 SIEMENS-BUP200 Datasheet
300Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP300 SIEMENS-BUP300 Datasheet
338Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP313 SIEMENS-BUP313 Datasheet
99Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP400 SIEMENS-BUP400 Datasheet
148Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com