Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3054 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3054
Description  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3054 Datasheet(HTML) 1 Page - Analog Devices

  ADM3054 Datasheet HTML 1Page - Analog Devices ADM3054 Datasheet HTML 2Page - Analog Devices ADM3054 Datasheet HTML 3Page - Analog Devices ADM3054 Datasheet HTML 4Page - Analog Devices ADM3054 Datasheet HTML 5Page - Analog Devices ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5 kV rms Signal Isolated High Speed
CAN Transceiver with Bus Protection
Data Sheet
ADM3054
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
5 kV rms signal isolated CAN transceiver
5 V or 3.3 V operation on V
DD1
5 V operation on V
DD2
V
DD2SENSE to detect loss of power on VDD2
Complies with ISO 11898 standard
High speed data rates of up to 1 Mbps
Short-circuit protection on CANH and CANL against shorts to
power/ground in 24 V systems
Unpowered nodes do not disturb the bus
Connect 110 or more nodes on the bus
Thermal shutdown protection
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition (pending)
5000 V rms for 1 minute per UL 1577
VDE Certificates of Conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
V
IORM = 846 V peak
Industrial operating temperature range: −40°C to +125°C
Wide-body, 16-lead SOIC package
APPLICATIONS
CAN data buses
Industrial field networks
GENERAL DESCRIPTION
The ADM3054 is a 5 kV rms signal isolated controller area
network (CAN) physical layer transceiver. The ADM3054
complies with the ISO 11898 standard.
The device employs Analog Devices, Inc., iCoupler® technology
to combine a 3-channel isolator and a CAN transceiver into a
single package. The logic side of the device is powered with a
single 3.3 V or 5 V supply on VDD1 and the bus side uses a single
5 V supply on VDD2 only. Loss of power on the bus side (VDD2)
can be detected by an integrated VDD2SENSE signal.
The ADM3054 creates an isolated interface between the CAN
protocol controller and the physical layer bus. It is capable of
running at data rates of up to 1 Mbps.
The device has integrated protection on the bus pins, CANH
and CANL against shorts to power/ground in 24 V systems.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where the
bus might be shorted to ground or power terminals. The part is
fully specified over the industrial temperature range and is
available in a 16-lead, wide-body SOIC package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1
TxD
RxD
ISOLATION
BARRIER
GND1
DECODE
DECODE
DECODE
VDD2SENSE
ENCODE
ENCODE
ENCODE
VREF
VDD1
ADM3054
VOLTAGE
REFERENCE
CAN TRANSCEIVER
LOGIC SIDE
BUS SIDE
VDD2
CANL
CANH
DIGITAL ISOLATION
iCoupler®
R
D
VDD2 VOLTAGE
SENSE
THERMAL
SHUTDOWN
GND2


Similar Part No. - ADM3054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3054 AD-ADM3054 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054WBRWZ-RL7 AD-ADM3054WBRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

Similar Description - ADM3054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com