Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTPL0G686M8R Datasheet(PDF) 5 Page - Rohm

Part # TCTPL0G686M8R
Description  Chip Tantalum capacitors(Bottom surface electrode type : Large capacitance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTPL0G686M8R Datasheet(HTML) 5 Page - Rohm

  TCTPL0G686M8R Datasheet HTML 1Page - Rohm TCTPL0G686M8R Datasheet HTML 2Page - Rohm TCTPL0G686M8R Datasheet HTML 3Page - Rohm TCTPL0G686M8R Datasheet HTML 4Page - Rohm TCTPL0G686M8R Datasheet HTML 5Page - Rohm TCTPL0G686M8R Datasheet HTML 6Page - Rohm TCTPL0G686M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.H
Data Sheet
TCT Series PL Case
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard list TCT Series PL Case
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.5min
(
μA)
Df
120Hz
(%)
Impedance
100kHz
33
10.4
47
14.8
2.5
68
18.8
13.6
12.5
100
20
TCT PL 0G 107M8R
TCT PL 0G 686M8R
TCT PL 0G 476M8R
TCT PL 1V 105M8R
TCT PL 1E 225M8R
TCT PL 1E 155M8R
TCT PL 1D 475M8R
TCT PL 1D 685M8R
TCT PL 1D 335M8R
TCT PL 1C 106M8R
TCT PL 0J 476M8R
TCT PL 0J 336M8R
100
150
1.6
3.2
2.5
1.6
3.2
4
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
−55°C
125
°C
25
°C
85
°C
60
30
30
60
40
30
60
40
30
60
40
30
60
40
20
30
30
40
(
Ω)
4
4
4
4
4
4
20
+−
20
+−
20
+−
20
+−
20
+−
2.5
8.5
TCT PL 0E 107M8R
TCT PL 0E 157M8R
TCT PL 0E 686M8R
68
1.6
3.2
60
30
40
4
20
+−
20
+−
9.4
TCT PL 1A 226M8R
TCT PL 1A 336M8R
47
4.7
6.8
10
3.3
2.2
1
1.5
22
33
4
2.5
5
10
6.3
13
16
10
20
20
13
26
20
13
26
20
13
26
25
16
32
25
16
32
35
22
44
10
6.3
13
20
30
30
4
1.9
2.8
11
3.2
1.4
20
30
20
30
30
20
30
30
20
30
30
20
30
30
30
8
6
6
1.1
0.7
0.8
20
30
20
30
30
20
30
30
30
8
8
8
5
6
16.5
30
60
40
4
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
= Under development


Similar Part No. - TCTPL0G686M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTPL0G686M8R ROHM-TCTPL0G686M8R Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTPL0G686M8R ROHM-TCTPL0G686M8R Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
More results

Similar Description - TCTPL0G686M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_CL ROHM-TCT_CL_11 Datasheet
178Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS_11 Datasheet
181Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_PL ROHM-TCT_PL_11 Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com