Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFZ20B Datasheet(PDF) 4 Page - Rohm

Part # TFZ20B
Description  Zener diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TFZ20B Datasheet(HTML) 4 Page - Rohm

  TFZ20B Datasheet HTML 1Page - Rohm TFZ20B Datasheet HTML 2Page - Rohm TFZ20B Datasheet HTML 3Page - Rohm TFZ20B Datasheet HTML 4Page - Rohm TFZ20B Datasheet HTML 5Page - Rohm TFZ20B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
TFZ3.6B
 
0.001
0.01
0.1
1
10
100
0
1
2
3
4
5
Ta=
-25°C
Ta=125
°C
Ta=75
°C
Ta=25
°C
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=125
°C
Ta=25
°C
Ta=75
°C
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS
10
100
1000
0
0.2
0.4
0.6
0.8
1
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS
f=1MHz
3.7
3.75
3.8
3.85
3.9
Vz DISRESION MAP
AVE:3.781V
Ta=25
°C
I
Z=20mA
n=30pcs
200
250
300
350
400
450
500
I
R DISRESION MAP
Ta=25
°C
V
R=1.0V
n=30pcs
AVE:308.7nA
300
320
340
360
380
400
Ct DISRESION MAP
AVE:370.5pF
Ta=25
°C
f=1MHz
V
R=0V
n=10pcs
4/5
2011.10 - Rev.A


Similar Part No. - TFZ20B

ManufacturerPart #DatasheetDescription
logo
Rohm
TFZV ROHM-TFZV Datasheet
815Kb / 7P
   Zener Diode
TFZV10B ROHM-TFZV10B Datasheet
815Kb / 7P
   Zener Diode
TFZV10B ROHM-TFZV10B Datasheet
2Mb / 10P
   Zener Diode
TFZV10B ROHM-TFZV10B Datasheet
2Mb / 10P
   Zener Diode
TFZV10B ROHM-TFZV10B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - TFZ20B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com