Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37
Description  Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD37 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD37 Datasheet HTML 1Page - Texas Instruments SN65HVD37 Datasheet HTML 2Page - Texas Instruments SN65HVD37 Datasheet HTML 3Page - Texas Instruments SN65HVD37 Datasheet HTML 4Page - Texas Instruments SN65HVD37 Datasheet HTML 5Page - Texas Instruments SN65HVD37 Datasheet HTML 6Page - Texas Instruments SN65HVD37 Datasheet HTML 7Page - Texas Instruments SN65HVD37 Datasheet HTML 8Page - Texas Instruments SN65HVD37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NC
R
RE
DE
D
GND
GND
V
CC
V
CC
A
B
Z
Y
NC
D PACKAGE (TOP VIEW)
NC - No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
R
RE
DE
D
A
B
Z
Y
LOGIC DIAGRAM (POSITIVE LOGIC)
4
5
3
2
11
12
10
9
SN65HVD37
www.ti.com
SLLSE92 A
– OCTOBER 2011 – REVISED NOVEMBER 2011
Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Check for Samples: SN65HVD37
1
FEATURES
DESCRIPTION
The SN65HVD37 combines a robust differential driver
Low-Current Standby Mode:
<1 μA Typical
and
a
receiver
with
high
noise
immunity
for
Operational Quiescent Current
< 1 mA
demanding
industrial
applications.
The
driver
High Receiver Hysteresis for Noise Immunity
differential outputs and the receiver differential inputs
(60 mV Typical)
are separate pins, to form a bus port for full-duplex
(four-wire) communications. The driver and receiver
1/8 Unit-Load (Up to 256 Nodes on the Bus)
can be independently enabled, and feature a wide
Bus-pin ESD Protection Exceeds 15 kV HBM
common-mode voltage range, making this device
Driver Output Transition Times Optimized for
suitable for multi-point applications over long cable
Signaling Rate up to 20 Mbps
runs. The SN65HVD37 is characterized over the
temperature range of -40
ºC to 85 ºC.
Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
5V-Tolerant Logic Inputs
Bus Idle, Open, and Short-Circuit Failsafe
Driver Current Limiting and Thermal Shutdown
Fully Meets All TIA-485-A Specifications
APPLICATIONS
Telecommunications Equipment
Industrial Automation
Process Automation
Building Automation
Point-of-Sale (POS) Terminals
Improved Replacement for ADM3076,
ADM3491, LTC2852, MAX3491 and SP3491
Figure 1. 60 mV Receiver Hysteresis for Noise Immunity
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37 TI-SN65HVD37 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI1-SN65HVD37 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results

Similar Description - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com