Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37D
Description  Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD37D Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD37D Datasheet HTML 1Page - Texas Instruments SN65HVD37D Datasheet HTML 2Page - Texas Instruments SN65HVD37D Datasheet HTML 3Page - Texas Instruments SN65HVD37D Datasheet HTML 4Page - Texas Instruments SN65HVD37D Datasheet HTML 5Page - Texas Instruments SN65HVD37D Datasheet HTML 6Page - Texas Instruments SN65HVD37D Datasheet HTML 7Page - Texas Instruments SN65HVD37D Datasheet HTML 8Page - Texas Instruments SN65HVD37D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65HVD37
SLLSE92 A
– OCTOBER 2011 – REVISED NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE/UNITS
VCC
Supply voltage
–0.5 V to 7 V
Voltage range at A, B, Y, Z pins
–13 V to 13 V
Input voltage range at any logic pin
–0.3 V to 5.7 V
Voltage range, transient pulse, A, B, Y, Z, through 100
–25 V to 25 V
Receiver output current
–24 mA to 24 mA
TJ
Junction temperature
170
°C
Continuous total power dissipation
(see Thermal Table)
IEC 60749-26 ESD
(Human Body Model), bus terminals and GND
±16 kV
Test Method A114 (Human Body Model), all pins
±5 kV
JEDEC Standard 22
Test Method C101 (Charged Device Model), all pins
±1.5 kV
JEDEC Standard 22
Test Method A115 (Machine Model), all pins
±150 V
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
SN65HVD37
THERMAL METRIC(1)
D
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance
79.3
θJCtop
Junction-to-case (top) thermal resistance
44.8
θJB
Junction-to-board thermal resistance
33.5
°C/W
ψJT
Junction-to-top characterization parameter
13.3
ψJB
Junction-to-board characterization parameter
33.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage(1)
3
3.3
3.6
V
VI
Input voltage at any bus terminal (separately or common mode)(2)
–7
12
V
VIH
High-level input voltage (Driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (Driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
RL
Differential load resistance
54
60
Ω
CL
Differential load capacitance
50
pF
Signaling rate
HVD37
20
Mbps
TA
Operating free-air temperature (See application section for thermal information)
–40
85
°C
TJ
Junction Temperature
–40
150
°C
(1)
Both pins 13 and 14 should be connected to the supply voltage; both pins 6 and 7 should be connected to ground.
(2)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD37


Similar Part No. - SN65HVD37D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37D TI-SN65HVD37D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37D TI1-SN65HVD37D Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD37DR TI1-SN65HVD37DR Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
More results

Similar Description - SN65HVD37D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com