Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37D
Description  Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD37D Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD37D Datasheet HTML 1Page - Texas Instruments SN65HVD37D Datasheet HTML 2Page - Texas Instruments SN65HVD37D Datasheet HTML 3Page - Texas Instruments SN65HVD37D Datasheet HTML 4Page - Texas Instruments SN65HVD37D Datasheet HTML 5Page - Texas Instruments SN65HVD37D Datasheet HTML 6Page - Texas Instruments SN65HVD37D Datasheet HTML 7Page - Texas Instruments SN65HVD37D Datasheet HTML 8Page - Texas Instruments SN65HVD37D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN65HVD37
www.ti.com
SLLSE92 A
– OCTOBER 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
See Figure 1, RL= 60 Ω, VCC ≥ 3.15 V,
1.5
1.9
V
375
Ω on each output to –7 V to 12 V
Driver differential output voltage
|VOD|
RL = 54 Ω (RS-485)
1.5
2
V
magnitude
See Figure 3
RL = 100 Ω (RS-422),
2
2.2
V
TJ ≥ 25°C, VCC ≥ 3.3 V
Change in magnitude of driver differential
Δ|VOD|
RL = 54 Ω, CL = 50 pF
–0.1
0
0.1
V
output voltage
Steady-state common-mode output
VOC(SS)
1.5 VCC /2
2.5
V
voltage
Change in differential driver output
Center of two 27-
Ω load
ΔVOC
See Figure 3
–0.1
0
0.1
V
common-mode voltage
resistors, CL = 50 pF
Peak-to-peak driver common-mode
VOC(PP)
400
mV
output voltage
CID
Differential input capacitance
A, B
3
pF
COD
Differential output capacitance
Y, Z
14
pF
Positive-going receiver differential input
See
VIT+
–60
–20
mV
voltage threshold
(1)
Negative-going receiver differential input
See
VIT–
–200
–120
mV
voltage threshold
(1)
Receiver differential input voltage
VHYS
30
60
mV
threshold hysteresis (VIT+ – VIT–)
VCC-
VOH
Receiver high-level output voltage
IOH = –8 mA
2.4
V
0.3
VOL
Receiver low-level output voltage
IOL = 8 mA
0.2
0.4
V
Driver input, driver enable, and receiver
II
–2
2
μA
enable input current
IOZ
Receiver output high-impedance current
VO = 0 V or VCC, RE at VCC
–1
1
μA
IOS
Driver short-circuit output current
–250
250
mA
VI = 12 V
75
125
VCC = 3 to 3.6 V or
II
Bus input current (disabled driver)
μA
VCC =0 V, DE at 0 V
VI = –7 V
–100
–40
Driver and Receiver enabled
DE = VCC, RE = GND
720
850
μA
Driver enabled, receiver
DE = VCC, RE = VCC
400
μA
disabled
Supply current, steady-state, no load
ICC
Driver disabled, receiver
(quiescent)
DE = GND, RE = GND
800
μA
enabled
Driver and receiver disabled
DE = GND, D = open,
0.2
1
μA
(standby)
RE = VCC
Supply current (dynamic)
See
“TYPICAL CHARACTERISTICS” section
(1)
Under any specific conditions, VIT+ is assured to be at least VHYS higher than VIT–.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD37


Similar Part No. - SN65HVD37D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37D TI-SN65HVD37D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37D TI1-SN65HVD37D Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD37DR TI1-SN65HVD37DR Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
More results

Similar Description - SN65HVD37D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com