Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-A4423-A2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67040-A4423-A2
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-A4423-A2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67040-A4423-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 8Page - Siemens Semiconductor Group Q67040-A4423-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Jul-31-1996
BUP 400D
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
2
4
6
8
10
12
14
16
A
20
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
2
4
6
8
10
12
14
16
A
20
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
2
4
6
8
10
12
14
16
A
20
I
C


Similar Part No. - Q67040-A4423-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-A4420-A2 SIEMENS-Q67040-A4420-A2 Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
Q67040-A4425-A2 SIEMENS-Q67040-A4425-A2 Datasheet
81Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
More results

Similar Description - Q67040-A4423-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP306D SIEMENS-BUP306D Datasheet
221Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP305D SIEMENS-BUP305D Datasheet
383Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP602D SIEMENS-BUP602D Datasheet
106Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP307D SIEMENS-BUP307D Datasheet
342Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP314D SIEMENS-BUP314D Datasheet
105Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP410D SIEMENS-BUP410D Datasheet
81Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP603D SIEMENS-BUP603D Datasheet
112Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP200D SIEMENS-BUP200D Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP313D SIEMENS-BUP313D Datasheet
110Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP202 SIEMENS-BUP202 Datasheet
381Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com