Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS-400 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. TS-400
Description  400W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-400 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-400_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-400_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
TS-400-112
TS-400-124
TS-400-148
TS-400-212
TS-400-224
TS-400-248
20A
0.63A
21~30VDC
86%
75
5
10A
0.32A
42~60VDC
87%
70
5
20A
0.63A
21~30VDC
87.5%
75
5
10A
0.32A
42~60VDC
88.5%
70
5
MODEL
ACVOLTAGE
MAXIMUMOUTPUTPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
Note.2
VOLTAGERANGE (Typ.)
EFFICIENCY (Typ.)
Note.1
DCCURRENT(Typ.)
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
GFCIPROCTECTION
PROTECTION
PROTECTION
Truesinewave(THD<3%) atratedinputvoltage
40A
1.25A
10.5~15VDC
86%
85
5
40A*2
40A*1
20A*1
20A*1
40A*1
3.0% atratedinputvoltage
10.5~15VDC
84.5%
40A
1.25A
40A*2
85
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH1detectpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Byinternalfuseopen
Optional(OnlytypeF)
None
CompliancetoFCCclass A
None
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
-10~+40
@100%load;+60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
Designreferto UL458
None
CompliancetoEN61000-4-2,3,8
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Thermostatically controlled cooling fan
Front panel indicator for operation status
Power ON-OFF switch
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input reverse polarity / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
3 years warranty
High surge power up to 800W
High efficiency up to 88.5%
Built-in remote ON-OFF control
RATEDPOWER
400W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
Bat.I/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
Bat.I/P-ACO/P, ACO/P-FG:100MOhms/500VDC/25
/70%RH
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
1.73Kg;6pcs/11.4Kg/1.55CUFT
DIMENSION
205*158*67mm(L*W*H)
NOTE
1.Efficiency is tested by 300W, linear load at 13V/26V/52V input voltage.
2.AC regulation is tested at 13V/26V/52V input voltage.
460Wfor180sec./600Wfor10sec. /surgepower800Wfor30cycles(typ.)
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
21 4%
11.3 4%
10.5 4%
T S - 4 0 0 series
FileName:TS-400-SPEC2012-03-20
50 0.1Hz50/60Hzselectablebysettingbutton
60 0.1Hz50/60Hzselectablebysettingbutton
FRONTPANEL INDICATOR
Operationstatus;Green:normal,Orange(flashing):remotecontrolOFF,Red:abnormal
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADCURRENTDRAW (Typ.)
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
400W TrueSineWaveDC-ACPowerInverter
LVD
None
EN60950-1
100/110/115/120VACselectableby settingbuttonS.W
Factorysettingsetat110VAC
200/220/230/240VACselectablebysettingbuttonS.W
Factorysettingsetat230VAC
E13
REMOTECONTROL
Open:Normalwork;Short:Remoteoff
FUNCTION
MTBF
104.7Khrsmin.MIL-HDBK-217F(25 C)
o
EMCIMMUNITY
EMCEMISSION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn