Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS-400 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. TS-400
Description  400W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-400 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TS-400_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-400_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
ENVIRONMENTTEMPERATURE(
)
DeratingCurve
Unit:mm
ACOUTPUT
Status
Setting
ACOUTPUT
Status
Setting
Type-A
Type-B
R.CConnector:JST B-XHorequivalent
Open
Short
Normalwork
Remoteoff
FileName:TS-400-SPEC2012-03-20
T S - 4 0 0 series
Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:400W
TS
400
112 A
400W TrueSineWaveDC-ACPowerInverter
A :TYPE
B :TYPE
C:TYPE
D:TYPE
E:TYPE
F:TYPE
A
B
C
D
E
F
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
OUTLET
147
158
9
11
8.9
direction
Airflow
25.32
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
ACOutputReceptacles(optional)
E13
E
E
13
13
-10
10
20
30
40
50
60
70
(HORIZONTAL)
20
40
50
60
80
100
0


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn