Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN-1500-112 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # TN-1500-112
Description  1500W True Sine Wave DC-AC Inverter with Solar Charger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TN-1500-112 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  TN-1500-112 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TN-1500-112 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TN-1500-112 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. TN-1500-112 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MechanicalSpecification
DeratingCurve
Unit:mm
CURVE1
CURVE2
AMBIENTTEMPERATURE(
)
0
10
20
30
40
50
60
70
20
40
60
80
100
BATTERY INPUTVOLTAGE(V)
10.5VDC
21VDC
42VDC
11.5VDC
23VDC
46VDC
15VDC
30VDC
60VDC
20
40
60
80
100
(HORIZONTAL)
FileName:TN-1500-SPEC2012-02-21
1500W TrueSineWaveDC-ACInverterwithSolarCharger
T N - 1 5 0 0 series
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
+ACchargerandsolarcharger
Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:1500W
TN
1500
112 A
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
(Expectfor48Vinput)
ACOutputReceptacles(optional)
207
Type-A
Type-B
220
22
1xx
2xx
15.6
36.25
57.75
47
+
-
+
-
+
-
10
Airflow
direction
ACOUTPUT
SOLARCHARGE
ACCHARGE
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
BY PASS
ACIN
ON
OFF
c u
i t B r e
s
t o
R
e
Remote
port
ACOUTPUT
SOLARCHARGE
ACCHARGE
BATTERY
100
0
100
0
Saving
BatLow
On
Setting
LOAD
INVERTER
BY PASS
ACIN
ON
OFF
c u
i t B r e
s
t o
R
e
Remote
port
E13
E
E
13
13


Similar Part No. - TN-1500-112

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500-112 MEANWELL-TN-1500-112 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500-112 MEANWELL-TN-1500-112 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
More results

Similar Description - TN-1500-112

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
ISI-501 MEANWELL-ISI-501 Datasheet
113Kb / 4P
   500W True Sine Wave DC-AC Inverter with MPPT Solar Charger
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500_12 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
ISI-500 MEANWELL-ISI-500 Datasheet
402Kb / 2P
   Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com