Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-240_1109 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-240_1109
Description  240W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-240_1109 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-240_1109 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-240_1109 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
S P - 3 2 0 series
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:SP-240-SPEC2011-08-23
CaseNo.987A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
88
95
100
115
135
155
175
195
230
264
300
250
200
150
100
50
25
10
20
30
40
50
60
70
20
40
50
60
80
100
-20
0
240WSingleOutputwithPFCFunction
(HORIZONTAL)
BlockDiagram
fosc:90KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
&
RECTIFIERS
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
O.T.P.
FAN
FAN
CONTROL
ON/OFF
TerminalPinNo. Assignment
PinNo.
PinNo.
1
4,5
3
2
6,7
Assignment
Assignment
AC/L
DCOUTPUT -V
FG
AC/N
DCOUTPUT +V
90
100
80
70
60
50
40
S P - 2 4 0 series
2
1
4
3
6
5
7
14max.
20.25
150
190
direction
Airflow
4-M4L=6
20.25
150
4-M4L=6
20
49.5
133
139.5
159.5
4-SOM3L=4


Similar Part No. - SP-240_1109

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-240-12 MEANWELL-SP-240-12 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SP-240-12 MEANWELL-SP-240-12 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
logo
Total Power Internation...
SP-240-12 TOTAL-POWER-SP-240-12 Datasheet
298Kb / 2P
   240W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-240-15 MEANWELL-SP-240-15 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SP-240-15 MEANWELL-SP-240-15 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
More results

Similar Description - SP-240_1109

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-240 TOTAL-POWER-SP-240 Datasheet
298Kb / 2P
   240W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-240 MEANWELL-SP-240_10 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
SP-240-5 MEANWELL-SP-240-5 Datasheet
288Kb / 2P
   240W Single Output with PFC Function
HDP-240 MEANWELL-HDP-240_12 Datasheet
323Kb / 2P
   240W Dual Output with PFC Function
HDP-240 MEANWELL-HDP-240 Datasheet
324Kb / 2P
   240W Dual Output with PFC Function
SDR-240 MEANWELL-SDR-240_10 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240 TOTAL-POWER-SDR-240 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
CLG-240 MEANWELL-CLG-240 Datasheet
142Kb / 1P
   60~240W Single Output with PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com