Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-320-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-320-12
Description  320W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-320-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-320-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-320-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
S P - 3 2 0 series
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:SP-320-SPEC2011-08-23
CaseNo.912GUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
88
95
100
115
135
155
175
195
230
264
300
250
200
150
100
50
25
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
320WSingleOutputwithPFCFunction
(HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
O.T.P.
INRUSH
CURRENT
ACTIVE
LIMITING
FAN
FAN
CONTROL
SPEED
90
100
80
70
60
50
40
3.3V,5V
Others
S P - 3 2 0 series
LED
+V ADJ.
4-M4L=5mm
5-M3L=3mm
1
2
3
4
5
6
7
8
9
27.5
19
177.5
32.5
150
117.5
15
48.7
32.5
150
215
6-M4L=5mm
14max.
Airflow
direction
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
4~6
3
2
7~9
Assignment
Assignment
AC/L
DCOUTPUT -V
FG
AC/N
DCOUTPUT +V


Similar Part No. - SP-320-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-320-12 TOTAL-POWER-SP-320-12 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320-12 ASTRODYNE-SP-320-12 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320-12 MEANWELL-SP-320-12 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320-12 RSG-SP-320-12 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320-12 MEANWELL-SP-320-12 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
More results

Similar Description - SP-320-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-320 MEANWELL-RSP-320 Datasheet
148Kb / 3P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320DRL ASTRODYNE-SP320DRL Datasheet
873Kb / 3P
   320W Single Output with PFC Function
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
   320W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com