Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-150-13.5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-150-13.5
Description  150W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-150-13.5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-150-13.5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-150-13.5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:SP-150-SPEC2011-08-23
CaseNo.916A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
100
115
135
155
230
264
10
10
20
20
30
35
40
45
45
50
50
55
(HORIZONTAL)
(VERTICAL)
20
40
60
80
100
-10
-10
0
0
R.C.
+V ADJ.
LED
1
2
90
100
80
70
60
50
40
SP-150-12~48
SP-150-3.3~7.5
(With18CFMFAN)
SP-150-3.3
SP-150-5
SP-150-7.5
150WSingleOutputwithPFCFunction
S P - 1 5 0 series
BlockDiagram
TerminalPinNo. Assignment
PinNo.
PinNo.
4,5
1
6,7
2
3
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
AC/L
AC/N
FG
RemoteON/OFF(CN1):JST S2B-XH orequivalent(optional)
PinNo.
1
2
Assignment
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
RC+
RC-
2-M4L=5mm
142
25
133
65
117
199
35
70
20
25
15
6-M4L=6mm
5-M3L=3mm
11max.
1
2
3
4
5
6
7
CN1
PFCfosc:67KHz
PWMfosc:134KHz
CN1
CONTROL
REMOTE
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING&
START
CIRCUIT
ACTIVE


Similar Part No. - SP-150-13.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-150-13.5 ASTRODYNE-SP-150-13.5 Datasheet
375Kb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-150-13.5 MEANWELL-SP-150-13.5 Datasheet
338Kb / 2P
   150W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-150-13.5 RSG-SP-150-13.5 Datasheet
1Mb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-150-13.5 MEANWELL-SP-150-13.5 Datasheet
348Kb / 2P
   150W Single Output with PFC Function
logo
Total Power Internation...
SP-150-13.5 TOTAL-POWER-SP-150-13.5 Datasheet
400Kb / 2P
   Universal AC input / full range
More results

Similar Description - SP-150-13.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com