Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-320-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-320-48
Description  320W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-320-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-320-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-320-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC Fan
Built-in fan speed control
Fixed switching frequency at 100KHz
3 years warranty
SPECIFICATION
SP-320-5
SP-320-3.3
SP-320-7.5 SP-320-12
SP-320-13.5 SP-320-15 SP-320-24
SP-320-27 SP-320-36 SP-320-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
5V
3.3V
7.5V
12V
13.5V
15V
24V
27V
36V
48V
55A
55A
40A
25A
22A
20A
13A
11.7A
8.8A
6.7A
0~55A
0~60A
0~40A
0~25A
0~22A
0~20A
0~13A
0~11.7A
0~8.8A
0~6.7A
275W
181.5W
300W
300W
297W
300W
312W
315.9W
316.8W
321.6W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
220mVp-p
240mVp-p
4.5~5.5V
3.14~3.63V
6~9V
10~13.2V 12~15V
13.5~18V 20~26.4V 26~31.5V 32.4~39.6V 41~56V
2.0%
1.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
0.2%
1.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
800ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
88~264VAC124~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
79%
5A
2.5A
74%
2.5A
1.5A
83%
9.4~10.9V 13.8~16.2V 15.5~18.2V 18~21V
27.6~32.4V 33.7~39.2V
57.6~67.2V
45~52.5V
86%
86%
86%
87%
88%
89%
87%
20A/115VAC40A/230VAC
<1mA /240VAC
105~135%ratedoutputpower
5.75~6.75V
3.8~4.5V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
5
(70
5
3.3V,5Vonly)(TSW1:detectonheatsinkofpowertransistor)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1,CCCGB4943(exceptfor3.3V,36V)approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-20~+65
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
207Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.1Kg;12pcs/14Kg/0.92CUFT
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
S P - 3 2 0 series
320WSingleOutputwithPFCFunction
115VAC
230VAC
ACCURRENT
(Typ.)
(except for 3.3V, 36V)
EMCIMMUNITY
EMCEMISSION
FileName:SP-320-SPEC2011-08-23


Similar Part No. - SP-320-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-320-48 TOTAL-POWER-SP-320-48 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320-48 ASTRODYNE-SP-320-48 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320-48 MEANWELL-SP-320-48 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320-48 RSG-SP-320-48 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320-48 MEANWELL-SP-320-48 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
More results

Similar Description - SP-320-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-320 MEANWELL-RSP-320 Datasheet
148Kb / 3P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320DRL ASTRODYNE-SP320DRL Datasheet
873Kb / 3P
   320W Single Output with PFC Function
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
   320W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com