Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-A4230-A2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q67040-A4230-A2
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-A4230-A2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q67040-A4230-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-A4230-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Dec-02-1996
BUP 603D
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at
Tj = 125 °C
Turn-on delay time
VCC = 300 V, VGE = 15 V, IC = 30 A
RGon = 33 Ω
td(on)
-
50
75
ns
Rise time
VCC = 300 V, VGE = 15 V, IC = 30 A
RGon = 33 Ω
tr
-
80
120
Turn-off delay time
VCC = 300 V, VGE = -15 V, IC = 30 A
RGoff = 33 Ω
td(off)
-
250
340
Fall time
VCC = 300 V, VGE = -15 V, IC = 30 A
RGoff = 33 Ω
tf
-
500
700
Free-Wheel Diode
Diode forward voltage
IF = 20 A, VGE = 0 V, Tj = 25 °C
IF = 20 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.6
1.8
-
-
V
Reverse recovery time
IF = 20 A, VR = -300 V, VGE = 0 V
diF/dt = -300 A/µs, Tj = 25 °C
trr
-
110
160
ns
Reverse recovery charge
IF = 20 A, VR = -300 V, VGE = 0 V
diF/dt = -300 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
1.3
0.6
2.4
1.1
µC


Similar Part No. - Q67040-A4230-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-A4231-A2 SIEMENS-Q67040-A4231-A2 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results

Similar Description - Q67040-A4230-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP306D SIEMENS-BUP306D Datasheet
221Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP305D SIEMENS-BUP305D Datasheet
383Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP602D SIEMENS-BUP602D Datasheet
106Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP307D SIEMENS-BUP307D Datasheet
342Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP400D SIEMENS-BUP400D Datasheet
104Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP314D SIEMENS-BUP314D Datasheet
105Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP410D SIEMENS-BUP410D Datasheet
81Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP200D SIEMENS-BUP200D Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP313D SIEMENS-BUP313D Datasheet
110Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP202 SIEMENS-BUP202 Datasheet
381Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com