Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-75-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RS-75-15
Description  RS-75_11
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-75-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RS-75-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-75-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
FileName:RS-75-SPEC2011-08-17
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
45
20
40
80
60
100
60
50
70
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Others
3.3V,5V
(HORIZONTAL)
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
BlockDiagram
fosc:60KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
5
4
3
2
1
4.5
73.5
122.5
129
120
6.5
3.5
77
32
3-M
3
75WSingleOutputSwitchingPowerSupply
R S - 7 5 series


Similar Part No. - RS-75-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-75-15 ASTRODYNE-RS-75-15 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-75-15 MEANWELL-RS-75-15 Datasheet
229Kb / 2P
   75W Single Output Switching Power Supply
RS-75-15 MEANWELL-RS-75-15 Datasheet
236Kb / 2P
   75W Single Output Switching Power Supply
logo
Total Power Internation...
RS-75-15 TOTAL-POWER-RS-75-15 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
More results

Similar Description - RS-75-15

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
   RS-485/RS-422 Receiver
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com