Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC-100A Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSC-100A
Description  100W Single Output with Battery Charger(UPS Function)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSC-100A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSC-100A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSC-100A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PSC-100A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
MechanicalSpecification
Unit:mm
BlockDiagram
CIRCUIT
CIRCUIT
DETECTION
ALARM
RL1
RL2
O.L.P.
EMIFILTER
&
RECTIFIER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
Bat.+
BatteryCharger
&
BackupControl
ACOK
-V
Bat.-
Bat.Low
I/P
FG
CONTROL
PWM
O.V.P.
5.6
115.8
127
CN2
3
CN1
FS1
1
2
1
8
7
6
4
3
2
5
CN3
4-
3.8
1
2
3
4
SVR1
ACFUSE
T3.15A/250V
HS2
HS3
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
1,2
3,4
5,6
7,8
Assignment
-V
+V
Bat+
Bat-
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/N
NoPin
AC/L
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
JST XHP
JST SXH-001T-P0.6
AlarmOutputConnector(CN3):JST B4B-XHorequivalent
PinNo.
1
3
2
4
MatingHousing
orequivalent
Terminal
orequivalent
Assignment
ACOK
Bat.Low
1.HS2,HS3 can not be shorted.
2.HS2,HS3 must have safety isolation distance from system case.
3.-V and Bat- can not be shorted.
100WSingleOutputwithBatteryCharger(UPSFunction)
P S C - 1 0 0 series
FileName:PSC-100-SPEC2011-08-18
2-M3L
=4
78
130
62
26
17
6-M3L
=4
7.1
2-M3
115.8
41.
7
85
68.
6
8.2
OptionalL-Bracket:
No.946A-D
Optionalcover:
No.946B-T
Mylarfilm


Similar Part No. - PSC-100A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSC-100A MEANWELL-PSC-100A Datasheet
907Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
PSC-100A-C MEANWELL-PSC-100A-C Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
More results

Similar Description - PSC-100A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC100B-C MEANWELL-PSC100B-C Datasheet
2Mb / 3P
   100W Single output with Battery Charger(UPS Function)
PSC-100 MEANWELL-PSC-100 Datasheet
907Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
DRC-100 MEANWELL-DRC-100 Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
DRC-60 MEANWELL-DRC-60 Datasheet
774Kb / 5P
   60W Single Output with Battery Charger (UPS Function)
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
   60W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com