Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4000-A2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q67040-S4000-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4000-A2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q67040-S4000-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4000-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
30/Jan/1998
BUZ 100 SL
SPP70N05L
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
70
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
280
Inverse diode forward voltage
VGS = 0 V, IF = 140 A
VSD
-
1.25
1.8
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
110
165
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.23
0.35
µC


Similar Part No. - Q67040-S4000-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4001-A2 SIEMENS-Q67040-S4001-A2 Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
Q67040-S4003-A2 INFINEON-Q67040-S4003-A2 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
Q67040-S4003-A5 INFINEON-Q67040-S4003-A5 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Similar Description - Q67040-S4000-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com