Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLP-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-30
Description  30W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLP-30_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-30_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-30_12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PLP-30-SPEC 2012-03-01
Unit:mm
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
20
40
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
(HORIZONTAL)
fosc:90KHz(115VAC)
120KHz(230VAC)
BlockDiagram
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
50
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN2):JST B2P-VHorequivalent
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
AC/L
+V
AC/N
-V
NoPin
MatingHousing
MatingHousing
JST VHR
JST VHR
orequivalent
orequivalent
Terminal
Terminal
JST SVH-21T-P1.1
JST SVH-21T-P1.1
orequivalent
orequivalent
T1A /250V
ACFUSE
CN1
1
2
3
CN2
HS2
HS1
SVR1
1
2
3.175
95.25
101.6
FS1
4-
3.2
HS1,HS2cannotbeshorted
:Groundingrequired
30WSingleOutputLEDPowerSupply
P L P - 3 0 series


Similar Part No. - PLP-30_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-30-12 MEANWELL-PLP-30-12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results

Similar Description - PLP-30_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30 Datasheet
241Kb / 3P
   30W Single Output LED Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
   30W LED Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com