Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ101S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BUZ101S
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ101S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BUZ101S Datasheet HTML 1Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 2Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 3Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 4Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 5Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 6Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 7Page - Siemens Semiconductor Group BUZ101S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 16 A
gfs
7
--
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
490
615
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
170
215
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
95
120
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 19.6 Ω
td(on)
-
10
15
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 19.6 Ω
tr
-
25
38
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 19.6 Ω
td(off)
-
20
30
Fall time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 19.6 Ω
tf
-
20
30
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS =0 to 1 V
Qg(th)
-
0.5
0.75
nC
Gate charge at 7.0 V
VDD = 40 V, ID = 22 A, VGS =0 to 7 V
Qg(7)
-
13
20
Gate charge total
VDD = 40 V, ID = 22 A, VGS =0 to 10 V
Qg(total)
-
17
26
Gate plateau voltage
VDD = 40 V, ID = 22 A
V(plateau)
-
5.9
-
V


Similar Part No. - BUZ101S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ101SLE3045A SIEMENS-BUZ101SLE3045A Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results

Similar Description - BUZ101S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com