Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5331 Datasheet(PDF) 4 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 4 Page - Protek Devices

  PA5331 Datasheet HTML 1Page - Protek Devices PA5331 Datasheet HTML 2Page - Protek Devices PA5331 Datasheet HTML 3Page - Protek Devices PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
Supply
Voltage …………………………. MIN-0.3V MAX +5.0V
Input Voltage ………………… MIN GND-0.3V MAX VDD+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Te
mperature…………………MIN -65°C MAX +150°C
Note: Continuous operation at or beyond these conditions may
permanently damage the device.
RECOMMENDED OPERATING CONDITIONS
Analog Supply
Voltage …………………. MIN 1.7V MAX 3.6V
Digital Supply
Voltage ………………….. MIN 1.5V MAX 3.6V
ADC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient temperature=+25 C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
ADC Performance
Dynamic Range (Note 1)
85
95
98
dB
THD+N
-88
-85
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
85
95
98
dB
Inter-channel Gain Mismatch
0.1
dB
Gain Error
±5
%
Filter Frequency Response
– Single Speed
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Pass-band Ripple
±0.05
dB
Stop-band Attenuation
50
dB
Filter Frequency Response
– Double Speed
Pass-band
0
0.4167
Fs
Stop-band
0.5833
Fs
Pass-band Ripple
±0.005
dB
Stop-band Attenuation
50
dB
Analog Input
Full Scale Input Level
AVDD/3.3
Vrms
Input Impedance
20
K
Ω
Note
1. The value is measured used A-weighted filter.
DAC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient temperature=+25 C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
DAC Performance
Dynamic Range (Note 1)
83
96
98
dB
THD+N
-85
-83
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
83
96
98
dB
Inter-channel Gain Mismatch
0.05
dB
Filter Frequency Response
– Single Speed


Similar Part No. - PA5331

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5300.121HLT PULSE-PA5300.121HLT Datasheet
1Mb / 4P
   SMT Power Inductors
PA5300.221HLT PULSE-PA5300.221HLT Datasheet
1Mb / 4P
   SMT Power Inductors
PA5300.XXXHLT PULSE-PA5300.XXXHLT Datasheet
1Mb / 4P
   SMT Power Inductors
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - PA5331

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
logo
Nuvoton Technology Corp...
NAU8820 NUVOTON-NAU8820 Datasheet
1Mb / 23P
   Low Power 24-bit Stereo Audio Codec with High Current Outputs
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com