Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4012-A2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67040-S4012-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4012-A2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67040-S4012-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4012-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
29/Jan/1998
BUZ 101 SL
SPP20N05L
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
140
°C
180
T
C
0
5
10
15
20
25
30
35
40
45
50
W
60
P
tot
Drain current
ID = ƒ(TC)
parameter: VGS ≥ 4 V
0
20
40
60
80
100
120
140
°C
180
T
C
0
2
4
6
8
10
12
14
16
18
A
22
I
D
Safe operating area
I
D = ƒ(VDS)
parameter: D = 0.01, T
C = 25°C
0
10
1
10
2
10
3
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
t
p
= 28.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter: D = t
p / T
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - Q67040-S4012-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4010-A2 SIEMENS-Q67040-S4010-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
Q67040-S4011-A2 SIEMENS-Q67040-S4011-A2 Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4013-A2 SIEMENS-Q67040-S4013-A2 Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
More results

Similar Description - Q67040-S4012-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com