Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-300-5 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HRPG-300-5
Description  300W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRPG-300-5 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HRPG-300-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRPG-300-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRPG-300-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HRPG-300-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
1.RemoteSense
Fig1.1
Fig2.1
1
1
7
7
2
2
8
8
CN100
CN100
Senselinesshould
betwistedinpairs
AUX
AUX
AUXG
AUXG
DC-OK
DC-OK
GND
GND
RC-
RC-
RC+
RC+
+S
+S
-S
-S
300WSingleOutputwithPFCFunction
FileName:HRPG-300-SPEC2011-10-25
FunctionDescriptionofCN100
FunctionManual
BetweenDC-OK(pin6)andGND(pin4)
3.3~5.6V
0~1V
OutputStatus
ON
OFF
2.DC-OKSignal
DC-OKsignalisa TTL levelsignal.HighwhenPSUturnson.
H R P G - 3 0 0 series
PinNo. Function Description
7
7
1
1
8
8
2
2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
CN100
CN100
LOAD
-
+
+S
(Pin7)
-S
(Pin8)
7
6
+S
RC+
Turnstheoutputonandoffbyelectricalordrycontactbetweenpin4(RC-),Short:PowerOFF,Open:PowerON.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
1
AUX
Auxiliaryvoltageoutput,4.75~5.25V,referencetopin2(AUXG). Themaximumloadcurrentis0.3A. Thisoutputhasthebuilt-inoring
diodes andisnotcontrolledbythe"remoteON/OFFcontrol".
8
-S
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
4
RC-
Remotecontrolground.
5
GND
Thispinconnectstothenegativeterminal(-V).ReturnforDC-OKsignaloutput.
3
DC-OK DC-OKsignalisa TTL levelsignal,referencedtopin5(DC-OKGND).HighwhenPSUturnson.
2
AUXG Auxiliaryvoltageoutputground. Thesignalreturnisisolatedfromtheoutputterminals(+V&-V).


Similar Part No. - HRPG-300-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-300-5 MEANWELL-HRPG-300-5 Datasheet
303Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300-5 TOTAL-POWER-HRPG-300-5 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results

Similar Description - HRPG-300-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com