Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-300-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HRPG-300-15
Description  300W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRPG-300-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HRPG-300-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRPG-300-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRPG-300-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HRPG-300-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89%
Protections: Short circuit / Overload / Over voltage / Over temperature
DC OK signal
emote ON-OFF control
Standby 5V@0.3A
No load power consumption<0.5W (Note.6)
5 years warranty
Withstand 300VAC surge input for 5 seconds
Built-in constant current limiting circuit
1U low profile 41mm
Built-in cooling fan ON-OFF control
Built-in
Built-in r
Built-in remote sense function
SPECIFICATION
HRPG-300-3.3 HRPG-300-5
HRPG-300-7.5 HRPG-300-12 HRPG-300-15 HRPG-300-24 HRPG-300-36 HRPG-300-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
DCOKSIGNAL
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
60A
60A
40A
27A
22A
14A
9A
7A
0~60A
0~60A
0~40A
0~27A
0~22A
0~14A
0~9A
0~7A
198W
300W
300W
324W
330W
336W
324W
336W
80mVp-p
90mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
250mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
2.5%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.99/115VACatfullload
80%
82%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86%
88%
88%
87%
88%
89%
4.5A/115VAC2.5A/230VAC
35A/115VAC70A/230VAC
<1.2mA /240VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
100
5
for3.3V,5V,7.5V;95
5
forothers(TSW2:
powerdiod
detectonheatsinkof
e)
90
5
(TSW1: detectonheatsinkofpowertransistor)
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-40~+70
(Referto"DeratingCurve")
RC+/RC-:4~10Voropen=poweron;0~0.8Vorshort=poweroff
PSUturnson:3.3~5.6V;PSUturnsoff:0~1V
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
176Khrsmin.MIL-HDBK-217F(25
)
199*105*41mm(L*W*H)
FileName:HRPG-300-SPEC2011-10-25
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. No load power consumption<0.5W when RC- & RC+ (CN100 pin4,6) 0 ~ 8V or short.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
H R P G - 3 0 0 series
300WSingleOutputwithPFCFunction
FUNCTION
0.95Kg;15pcs/15.3Kg/0.69CUFT
5VSTANDBY
5VSB:5V@0.3A ;tolerance
5%,ripple:50mVp-p(max.)
FANCONTROL (Typ.)
Load35 15%orRTH2
50
Fanon
EMCIMMUNITY
EMCEMISSION


Similar Part No. - HRPG-300-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-300-15 MEANWELL-HRPG-300-15 Datasheet
303Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300-15 TOTAL-POWER-HRPG-300-15 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results

Similar Description - HRPG-300-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com