Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-200-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HRPG-200-15
Description  200W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRPG-200-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HRPG-200-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRPG-200-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRPG-200-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
CaseNo.902EUnit:mm
3.5
4.5
120
199
57.5
4-
M
3
197
1
2
3
4
5
6
7
(HORIZONTAL)
AMBIENTTEMPERATURE(
)
-40
0
10
20
30
40
50
60
70
125
(HORIZONTAL)
80
100
60
20
40
FileName:HRPG-200-SPEC2011-08-09
DeratingCurve
OutputDeratingVSInputVoltage
INPUTVOLTAGE(V)60Hz
85
100
125
135
155
264
100
90
80
70
60
50
40
BlockDiagram
H R P G - 2 0 0 series
200WSingleOutputwithPFCFunction
DETECTION
CIRCUIT
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
POWER
AUX
SWITCHING
POWER
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V
+S
AUX
CONTROL
CONTROL
O.V.P.
REMOTE
CONTROL
-V
-S
AUXG
RC+
RC-
fosc:70KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
ConnectorPinNo.
(CN100):
Assignment
PinNo.
1
2
3
4
5
6
Assignment
-S
+S
AUXG
AUX
RC-
RC+
MatingHousing
orequivalent
Terminal
orequivalent
HRSDF11-6DP-2DSorequivalent
HRSDF11-6DS HRSDF11-**SC
LED
CN100
SVR1
13max.
6.5
28
150.75
190


Similar Part No. - HRPG-200-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-200-15 MEANWELL-HRPG-200-15 Datasheet
390Kb / 3P
   200W Single Output with PFC Function
More results

Similar Description - HRPG-200-15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com