Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-450-7.5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-450-7.5
Description  450W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-450-7.5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HRP-450-7.5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-450-7.5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRP-450-7.5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
MechanicalSpecification
CaseNo.995A
Unit:mm
ACInput TerminalPinNo.
Assignment
DCOutput TerminalPinNo.
Assignment
PinNo.
PinNo.
1
1~3
3
2
4~6
Assignment
Assignment
AC/N
+V
AC/L
-V
FG
DeratingCurve
OutputDeratingVSInputVoltage
INPUTVOLTAGE(V)60Hz
85
100
125
135
155
264
100
90
80
70
60
50
40
AMBIENTTEMPERATURE(
)
-40
0
10
20
30
40
50
60
70
20
50
80
100
125
(HORIZONTAL)
PMWfosc:70KHz
BlockDiagram
PinNo.
1
2
3
4
-S
+S
DC-OK
GND
Assignment
MatingHousing
Terminal
orequivalent
orequivalent
ConnectorPinNo. Assignment(CN100):HRSDF11-4DP-2DS orequivalent
HRSDF11-4DS
HRSDF11-**SC
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
CIRCUIT
DETECTION
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
+S
CONTROL
CONTROL
O.V.P.
O.T.P.
-V
-S
DCOK
3
2
1
1
2
3
4
5
6
450WSingleOutputwithPFCFunction
FileName:HRP-450-SPEC2011-08-09
H R P - 4 5 0 series
32.8
152.4
Airflow
direction
FAN
12max.
I/P
4
3
2
1
152.4
218
O/P
4-M4L=5
8-M4L=4(BothSides)
32.8
18max.


Similar Part No. - HRP-450-7.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-450-7.5 MEANWELL-HRP-450-7.5 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRP-450-7.5 MEANWELL-HRP-450-7.5 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
More results

Similar Description - HRP-450-7.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRP-450 MEANWELL-HRP-450_11 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com