Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-100-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-100-5
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-100-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HRP-100-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-100-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
Built-in active PFC function
High efficiency up to 90%
Protections: Short circuit / Overload / Over voltage
Protections: Over temperature (optional)
Built-in remote ON-OFF control
5 years warranty
Withstand 300VAC surge input for 5 seconds
Cooling by free air convection
1U low profile 38mm
No load power consumption<0.5W
All using 105
long life electrolytic capacitors
SPECIFICATION
HRP-100-3.3
HRP-100-5
HRP-100-7.5
HRP-100-12
HRP-100-15
HRP-100-24
HRP-100-36
HRP-100-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
20A
17A
13.5A
8.5A
7A
4.5A
2.9A
2.2A
0~20A
0~17A
0~13.5A
0~8.5A
0~7A
0~4.5A
0~2.9A
0~2.2A
66W
85W
101.3W
102W
105W
108W
104.4W
105.6W
80mVp-p
80mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
200mVp-p
240mVp-p
3.1~3.8V
4.75~5.8V
7.1~9V
11.4~13.8V
14.25~18V
22.8~28.8V
34.2~39.6V
45.6~55.2V
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
2.0%
2.0%
1.5%
0.8%
0.8%
0.5%
0.5%
0.5%
2500ms,100ms/230VAC
2500ms,100ms/115VACatfullload
50ms/230VAC20ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
78%
83%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
84%
87.5%
88%
88.5%
89%
90%
1.2A/115VAC0.6A/230VAC
35A/115VAC65A/230VAC
<1mA /240VAC
105~135%ratedoutputpower
Protectiontype:ConstantcurrentlimitingforVo=50~100%ofratedvoltage,recoversautomaticallyafterfaultconditionisremoved
3.96~4.62V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:
o/pvoltage,recoversautomaticallyaftertemperaturegoesdown
Shutdown
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-40~+60
(Referto"DeratingCurve")
RC+/RC-:0~0.8V=poweron;4~10V=poweroff
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.04%/
(0~50
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
295.7Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:HRP-100-SPEC2011-08-09
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
H R P - 1 0 0 series
100WSingleOutputwithPFCFunction
FUNCTION
0.38Kg;24pcs/10.1Kg/0.76CUFT
+2.5,-3.5%
2.5%
2.5%
1.5%
1.5%
1.5%
1.5%
1.5%
90
(3.3V~7.5V),85
(12V~48V)(TSW1:detectonheatsinkQ101ofpowertransistor)(optional)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - HRP-100-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-100-5 MEANWELL-HRP-100-5 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - HRP-100-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com