Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-450-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-450-24
Description  450W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-450-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HRP-450-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-450-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRP-450-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89.5%
Protections: Short circuit / Overload / Over voltage / Over temperature
DC OK signal
5 years warranty
Withstand 300VAC surge input for 5 seconds
Built-in constant current limiting circuit
Built-in cooling Fan ON-OFF control
Built-in
Built-in remote sense function
SPECIFICATION
HRP-450-3.3
HRP-450-5
HRP-450-7.5
HRP-450-12
HRP-450-15
HRP-450-24
HRP-450-36
HRP-450-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
FUNCTION
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
DCOKSIGNAL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
90A
90A
60A
37.5A
30A
18.8A
12.5A
9.5A
0~90A
0~90A
0~60A
0~37.5A
0~30A
0~18.8A
0~12.5A
0~9.5A
297W
450W
450W
450W
450W
451.2W
450W
456W
80mVp-p
80mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
240mVp-p
240mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1000ms,100ms/230VAC2500ms,100ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.99/115VACatfullload
80%
83%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86.5%
88%
89%
88%
89%
89.5%
5A/115VAC2.4A/230VAC
35A/115VAC70A/230VAC
<1.5mA /240VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
90
5
(70
5
5Vonly)(TSW1:detectonheatsinkofpowertransistor);90
5
(TSW2:
)
detectonheatsinkofpowerdoide
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-40~+70
(Referto"DeratingCurve")
PSUturnon:3.3~5.6V;PSUturnoff:0~1V
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
139.9Khrsmin.MIL-HDBK-217F(25
)
218*105*41mm(L*W*H)
FileName:HRP-450-SPEC2011-08-09
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
H R P - 4 5 0 series
450WSingleOutputwithPFCFunction
1.19Kg;12pcs/15.3Kg/0.82CUFT
FANCONTROL (Typ.)
Load20 10%orRTH2
50
Fanon
EMCIMMUNITY
EMCEMISSION


Similar Part No. - HRP-450-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-450-24 MEANWELL-HRP-450-24 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRP-450-24 MEANWELL-HRP-450-24 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
More results

Similar Description - HRP-450-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRP-450 MEANWELL-HRP-450_11 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com