Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-450-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-450-48
Description  450W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-450-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HRP-450-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-450-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRP-450-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Theremotesensingcompensatesvoltagedropon
theloadwiringupto0.5V.
4
4
3
3
CN100
GND
GND
-S
-S
DC-OK
DC-OK
+S
+S
2
2
1
1
1.RemoteSense
Senselinesshould
betwistedinpairs
LOAD
-
+
+S
-S
(Pin3)
(Pin4)
Fig1.1
BetweenDC-OK(pin5)andGND(pin6)
3.3~5.6V
0~1V
OutputStatus
ON
OFF
DC-OKsignalisa TTL levelsignal.HighwhenPSUturnson.
CN100
2.DC-OKSignal
Fig2.1
1
DC-OK DC-OKSignalisa TTL levelsignal,referencedtopin2(DC-OKGND).HighwhenPSUturnson.
3
+S
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
4
-S
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
2
GND
Thispinconnectstothenegativeterminal(-V).ReturnforDC-OKsignaloutput.
CN100
CN100
4
4
3
3
2
2
1
1
450WSingleOutputwithPFCFunction
FileName:HRP-450-SPEC2011-08-09
H R P - 4 5 0 series
FunctionDescriptionofCN100
PinNo. Function Description
FunctionManual


Similar Part No. - HRP-450-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-450-48 MEANWELL-HRP-450-48 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRP-450-48 MEANWELL-HRP-450-48 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
More results

Similar Description - HRP-450-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRP-450 MEANWELL-HRP-450_11 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com