Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFSD1-S3.3-S5-SIP Datasheet(PDF) 4 Page - CUI INC

Part # VFSD1-S3.3-S5-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFSD1-S3.3-S5-SIP Datasheet(HTML) 4 Page - CUI INC

  VFSD1-S3.3-S5-SIP Datasheet HTML 1Page - CUI INC VFSD1-S3.3-S5-SIP Datasheet HTML 2Page - CUI INC VFSD1-S3.3-S5-SIP Datasheet HTML 3Page - CUI INC VFSD1-S3.3-S5-SIP Datasheet HTML 4Page - CUI INC VFSD1-S3.3-S5-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
01/27/2012 │ page 4 of 5
CUI Inc
│ SERIES: VFSD1-SIP Series │ DESCRIPTION: DC-DC CONVERTER
1.
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of
the full load. If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to
increase the load, or use our company’s products with a lower rated output power (E_S-W25&F_S-W25).
2.
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to
connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
3.
Recommended testing and application circuit
If you want to further decrease the input/output ripple, an “LC” filtering network may be connected to the input and output ends
of the DC/DC converter, see (Figure 1). It should also be noted that the inductance and the frequency of the “LC” filtering network
should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor
must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and
reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
4.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (Figure 2).
5.
No parallel connection or plug and play
Vin
(Vdc)
Cin
(μF)
Single Vout
(Vdc)
Cout
(μF)
Dual Vout
(Vdc)
Cout
(μF)
3.3, 5
4.7
3.3, 5
10
±5
4.7
12
2.2
9.0
4.7
±9
2.2
15
2.2
12
2.2
±12
1.0
24
1.0
15, 24
1.0
±15
0.47
External Capacitor Table (Table 1)
Figure 1
APPLICATION NOTES
Figure 2


Similar Part No. - VFSD1-S3.3-S5-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFSD1-S3.3-S5-SIP CUI-VFSD1-S3.3-S5-SIP Datasheet
316Kb / 3P
   Dc-Dc Converter
VFSD1-S3.3-S5-SIP CUI-VFSD1-S3.3-S5-SIP Datasheet
162Kb / 3P
   Dc-Dc Converter
More results

Similar Description - VFSD1-S3.3-S5-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com