Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VESD2-S12-D15-SIP Datasheet(PDF) 4 Page - CUI INC

Part # VESD2-S12-D15-SIP
Description  dc-dc converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VESD2-S12-D15-SIP Datasheet(HTML) 4 Page - CUI INC

  VESD2-S12-D15-SIP Datasheet HTML 1Page - CUI INC VESD2-S12-D15-SIP Datasheet HTML 2Page - CUI INC VESD2-S12-D15-SIP Datasheet HTML 3Page - CUI INC VESD2-S12-D15-SIP Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
4 of 4
06/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VESD2-SIP
APPLICATION NOTES:
- Input filtering
To reduce the reflected ripple current and minimize EMI,
especially when the converter input is more than 2” away from
the DC source, it is recommended to connect a low ESR
electrolytic capacitor between Vin and Gnd. The values
suggested are as shown in Table 1. If additional filtering is
required, the capacitance may be increased, or expanded to
an LC network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 μF
5 V
12 V
2.2 μF
24 V
1.0 μF
TABLE 1
Vout
External Ouput Capacitance
4.7 μF
5 V
9 V
2.2 μF
12 V
1.0 μF
15 V
0.47 μF
TABLE 2
<Figure 1>
DC
C
L
L
DC
C
C
+Vin
-Vin
+Vout
-Vout
COM
REG
DC DC
DC DC
REG
REG
REG
DC DC
DC DC
REG
REG
+Vin
+Vin
-Vin
-Vin
+Vout
-Vout
COM
+Vout
-Vout
COM
- Minimum loading
During operation, the minimum output load should not be less
than 10% of the full load, and this product should never
be operated under no load. If the actual output power is very
small, please connect a resistor with proper resistance at the
output end in parallel to increase the load.
- Input Regulation
This converter accepts a narrow input range.
With a semi-regulated design, the converter ’s output voltage
will also change proportionally with the input voltage. To
accept a wider input range and to improve line regulation, an
input regulator can be added as shown in Fig. 2
- Protection
The converter has minimal protection against input over-
voltage or output over-load, and may be permanently damaged
if exposed to these conditions. An input clamping device can
be used for input voltage limiting. An input fuse or an output
fuse also be used to protect against over-loading.
- Dual outputs used as a single output
The +Vout and -Vout can be used to obtain a single output
that is the sum of the two outputs. In this case, the COM pin
shouldn’t be used.
- Output Regulation
An external 3-terminal regulator can be connected to the
output of the converter to achieve full regulation. Make sure
the converter ’s output voltage provides sufficient head room
for the regulator. An additional benefit is that the built-in
protection features in the regulator, such as OCP, OTP, etc,
will protect the converter also. In a complimentory supply, a
negative output regulator must be used to achieve the
negative regulated output.
- Output filtering
An output capacitor is needed to meet output ripple
requirements as shown in Table 2. Output capacitance may be
increased for additional filtering, but should not exeed 10 μF
or expanded to an LC network as in Figure 1.


Similar Part No. - VESD2-S12-D15-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VESD2-S12-D15-SIP CUI-VESD2-S12-D15-SIP Datasheet
150Kb / 3P
   Dc-Dc Converter
More results

Similar Description - VESD2-S12-D15-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com