Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12A48-P1M Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS12A48-P1M
Description  120WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS12A48-P1M Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS12A48-P1M Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS12A48-P1M Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DeratingCurve
StaticCharacteristics
MechanicalSpecification
AMBIENTTEMPERATURE(
)
-30
20
10
30
40
20
40
80
60
100
60
50
45
70
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
(HORIZONTAL)
Plug Assignment
CaseNo.GS120A
Unit:mm
50
230VAC
100VAC
1
2
4
3
35
35
167
167
UL246418AWGx4C1200 50mm
UL246416AWGx2C1200 50mm
PINNO.
1,4
2,3
Standardplug(allmodels)
OUTPUT
+V
-V
2
3
1
4
ACFG
-Vconnectedto ACFG
-Vconnectedto ACFG
POWERLED
POWERLED
30 3mm
30 3mm
R7B
C"+"
Inside
Outside
11
120W AC-DCSingleOutputDesktop
G S 1 2 0 series
FileName:GS120-SPEC 2012-03-06
Inside
Outside
C"+"
P/N
CENTER
P1M
Standardplug(For20V,24V,48Vonly)
11
OUTPUT
+
ID2.5xOD5.5


Similar Part No. - GS12A48-P1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS12-10 ETC2-GS12-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-120 ETC2-GS12-120 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-150 ETC2-GS12-150 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-16 ETC2-GS12-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-185 ETC2-GS12-185 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS12A48-P1M

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
logo
RSG Electronic Componen...
AS-120P-12 RSG-AS-120P-12 Datasheet
127Kb / 2P
   120WAC-DC Single Output Desktop
logo
Mean Well Enterprises C...
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
GS60 MEANWELL-GS60 Datasheet
131Kb / 2P
   60WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com