Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELN-60-27 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-60-27
Description  60W Single Output Class 2 Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-60-27 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  ELN-60-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-60-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-60-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(1)1~10V(Dtype,&:ELN-60- 12
12
D)
P)
Levelofoutputcurrentcanbeadjustedthroughthedimmingcontrolfunction.
Whenthereisnosignalsendingtothecontrolwires(opencircuitbetweenthetwocontrolwires),thepowersupply
unitwilloperateas0V(D-type)or 0%duty(P-type)ofinputsignalandhencetheoutputcurrentwillbezero.
Lo:0V
Hi:10V
0
0%
1
11%
15%
60%
95%
2
20%
3
30%
4
40%
5
50%
6
60%
7
70%
8
80%
9
90%
10
100%
DimmingControl(Optional)
Vdc:
1~10V
Vdc
(2)PWM (P type,&:ELN-60-
+
DIM+
f
t1
t1
t1+t2
f:100Hz~3KHz
Duty=,0~100%
t2
V
10V
f
DIM-
DCInput
DutyCycle
10%
10%
0%
0%
20%
20%
30%
30%
40%
40%
50%
50%
60%
60%
70%
70%
80%
80%
90%
90%
100%
100%
95%
5%
45%
E L N - 6 0 series
FileName:ELN-60-SPEC 2012-03-20
60WSingleOutputClass2SwitchingPowerSupply


Similar Part No. - ELN-60-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60-27 MEANWELL-ELN-60-27 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60-27 MEANWELL-ELN-60-27 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
More results

Similar Description - ELN-60-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com