Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELN-60-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-60-48
Description  60W Single Output Class 2 Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-60-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ELN-60-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-60-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-60-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
ELN-60-12
ELN-60-9
ELN-60-15
ELN-60-24
ELN-60-27
ELN-60-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.7
CURRENT ADJ.RANGE Note.7
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
12V
6~ 12V
5A
9V
15V
7.5~ 15V
24V
12~ 24V
48V
24~ 48V
5A
2.5A
2.3A
27V
13.5~ 27V
1.3A
0~5A
0~5A
0~4A
4A
0~2.5A
0~2.3A
0~1.3A
60W
45W
60W
60W
62.1W
62.5W
120mVp-p
10.8~13.2V
120mVp-p
150mVp-p
13.5~16.5V
150mVp-p
21.6~26.4V
200mVp-p
24.3~29.7V
250mVp-p
43.2~52.8V
5.0%
-25%~3%. CanbeadjustedbyinternalpotentiometerSVR2
1.0%
2.0%
500ms,30ms/230VAC15
atfullload
00ms,30ms/115VAC
90~264VAC127~370VDC
47~63Hz
82%
85%
86%
87%
87%
88%
13.8~16V
11~13.5V
17.5~21V
28~32V
31~35V
54~60V
1.2A/115VAC0.7A/230VAC
COLDSTART 60A/230VAC
0.25mA /240VAC
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
-20~+60
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
603Khrsmin.MIL-HDBK-217F(25
)
181*61.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Output voltage can be adjusted through the SVR1 on the PCB ; limit of output constant current level can be adjusted through the SVR2 on the PCB.
8. Constant current operation region is within the specified output voltage range above. This is the suitable operation region for LED related applications.
9. The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
0.4Kg;24pcs/11Kg/0.75CUFT
60WSingleOutputClass2SwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage
Cooling by free air convection
Built-in constant current limiting circuit with adjustable OCP level
Optional dimming function : 1~10VDC (D type) or PWM (P type) controlled
Fully isolated plastic case with IP64 level
Class 2 power unit
Pass LPS
Suitable for LED lighting and moving sign applications (Note.9)
100% full load burn-in test
Low cost, high reliability
2 years warranty
Class
power unit, no FG
Features :
E L N - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
8.7~10.5V
UL1310,CAN/CSA C22.2No.223-M91(exceptfor48V),IP64approved;designreferto TUVEN60950-1
95~110%
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
50ms/230VAC16ms/115VACatfullload
DIMMINGCONTROL (OPTIONAL) 1~10VDCorPWMsignal:100Hz~3KHz
FUNCTION
FileName:ELN-60-SPEC2012-03-20
LEDOPERATIONVOLTAGE Note.8 3~9V
CanbeadjustedbyinternalpotentiometerSVR1
IP64
( for 48V only)
( except for 48V )
LPS
EMCIMMUNITY
EMCEMISSION


Similar Part No. - ELN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60-48 MEANWELL-ELN-60-48 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48 MEANWELL-ELN-60-48 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
More results

Similar Description - ELN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com