Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW344A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # FW344A
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW344A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  FW344A Datasheet HTML 1Page - Sanyo Semicon Device FW344A Datasheet HTML 2Page - Sanyo Semicon Device FW344A Datasheet HTML 3Page - Sanyo Semicon Device FW344A Datasheet HTML 4Page - Sanyo Semicon Device FW344A Datasheet HTML 5Page - Sanyo Semicon Device FW344A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FW344A
No.8998-5/6
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
SW Time -- ID
Drain Current, ID -- A
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
| yfs | -- ID
[Pch]
[Pch]
[Pch]
IT16754
IT16755
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
10
7
7
5
3
2
2
5
3
--0.1
--1.0
23
5 7
--10
7
--0.01
23
5 7
23
5
Ta=
--25
°C
VDS= --10V
--0.01
--0.1
2
VGS=0V
--0.1
--1.0
2
23
5
7
--10
35
7
VDD= --15V
VGS= --10V
td(on)
td(off)
tf
IT16756
10
100
1.0
2
3
7
5
7
5
2
3
tr
0
--2
--6
--10
--4
--8
100
50
200
150
250
300
0
100
200
250
300
50
150
0
IT16752
IT16753
ID= --2A
--3.5A
Ta=25
°C
75°
C
25°
C
2
3
7
5
--1.0
2
3
7
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --4.0V
, ID
= --2.0A
VGS
= --10.0V
, ID=
--3.5A
VGS
= --4.5V
, ID
= --2.0A
2
3
5
7
2
--0.1
3
5
7
2
--1.0
--0.01
23 5 7
2 3 57
2 3 57
--0.01
--0.1
--1.0
23 5 7
--10
--100
IT16758
10ms
10s
100ms
DC
operation
IDP= --14A(PW≤10μs)
1ms
100μ
s
06
3
12
5
4
IT16757
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
ID= --3.5A
Ta=25
°C
Single pulse
1unit
When mounted on ceramic substrate (2000mm2
×0.8mm)
VDS= --10V
ID= --3.5A
0
--5
--10
--15
1000
7
5
3
2
7
5
3
2
100
10
--20
--30
--25
Ciss
Coss
Crss
IT13192
f=1MHz
--10
3
7
5
3
5
7
2
--10
2
3
5
7
--100
Operation in this area
is limited by RDS(on).


Similar Part No. - FW344A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FW344A ONSEMI-FW344A Datasheet
447Kb / 9P
   Power MOSFET
July, 2013
logo
SHENZHEN DOINGTER SEMIC...
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
logo
ON Semiconductor
FW344A-TL-2W ONSEMI-FW344A-TL-2W Datasheet
447Kb / 9P
   Power MOSFET
July, 2013
More results

Similar Description - FW344A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8673 SANYO-ECH8673 Datasheet
441Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8608 SANYO-ECH8608 Datasheet
57Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8661 SANYO-ECH8661 Datasheet
442Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8660 SANYO-ECH8660 Datasheet
372Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8668 SANYO-ECH8668 Datasheet
374Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
MCH6627 SANYO-MCH6627 Datasheet
66Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com