Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1973JA Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1973JA
Description  Monolithic Digital IC Two-channel H-Bridge Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1973JA Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1973JA Datasheet HTML 1Page - Sanyo Semicon Device LB1973JA Datasheet HTML 2Page - Sanyo Semicon Device LB1973JA Datasheet HTML 3Page - Sanyo Semicon Device LB1973JA Datasheet HTML 4Page - Sanyo Semicon Device LB1973JA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1973JA
No.A2014-3/5
Package Dimensions
unit : mm (typ)
3178B
Pin Assignment
Truth Table
Input
Output
Mode
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
Low
Low
Low
Low
Off
Off
Off
Off
Standby mode
High
Low
-
-
High
Low
-
-
Channel 1, forward
Low
High
Low
High
Channel 1, reverse
-
-
High
Low
-
-
High
Low
Channel 2, forward
Low
High
Low
High
Channel 2, reverse
High
High
-
-
The logic output for the first high-level input is produced.
-
-
High
High
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
(Top View)
-20
0
20
40
60
80
100
85
0
0.2
0.4
0.6
0.8
1.0
Pd max -- Ta
Ambient temperature, Ta -- C
Mounted on a specified board :
114.3mm x 76.1mm x 1.6mm
glass epoxy


Similar Part No. - LB1973JA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1973JA ONSEMI-LB1973JA Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
More results

Similar Description - LB1973JA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
   Two-channel H-Bridge Driver
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
   Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
logo
Sanyo Semicon Device
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
   Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
logo
NEC
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
UPD168102 NEC-UPD168102 Datasheet
185Kb / 16P
   MONOLITHIC 6-CHANNEL H BRIDGE DRIVER
UPD16857 NEC-UPD16857 Datasheet
78Kb / 16P
   MONOLITHIC 6 channel H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
logo
Motorola, Inc
MPC17511 MOTOROLA-MPC17511 Datasheet
1Mb / 10P
   1 Channel H-Bridge Driver IC
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com