Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11988HR Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11988HR
Description  Monolithic Digital IC Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988HR Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11988HR_12 Datasheet HTML 1Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 2Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 3Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 4Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 5Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LB11988HR
No.A0300-3/6
Pin Assignment
Truth Table and Control Functions
Source
→Sink
Hall input
FR
Note : The “H” state for FR is defined as a voltage of 8V or higher, and the
“L” state for FR is defined as a voltage of 4V or lower.
(When VCC = 12V.)
Note : For the Hall inputs, the input high state is defined to be the state
where the (+) input is higher than the corresponding (-) input by
0.01V or higher, and the input low state is defined to be the state
where the (+) input is lower than the corresponding (-) input by
0.01V or higher.
Note : Since this drive technique is a 180° current application scheme, the
phases other than the sink and the source phases will not turn off.
U
V
W
1
V
→ W
H
H
L
H
W
→ V
L
2
U
→ W
H
L
L
H
W
→ U
L
3
U
→ V
H
L
H
H
V
→ U
L
4
W
→ V
L
L
H
H
V
→ W
L
5
W
→ U
L
H
H
H
U
→ W
L
6
V
→ U
L
H
L
H
U
→ V
L
-40
-20
20
40
60
80
100
0
0.2
0.6
0.4
0.8
1.0
Pd max - Ta
0.42
0.8
0
Ambient temperature, Ta - C
Independent IC
LB11988HR
Top view


Similar Part No. - LB11988HR_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
More results

Similar Description - LB11988HR_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com