Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877G16A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC877G16A
Description  CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877G16A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC877G16A Datasheet HTML 1Page - Sanyo Semicon Device LC877G16A Datasheet HTML 2Page - Sanyo Semicon Device LC877G16A Datasheet HTML 3Page - Sanyo Semicon Device LC877G16A Datasheet HTML 4Page - Sanyo Semicon Device LC877G16A Datasheet HTML 5Page - Sanyo Semicon Device LC877G16A Datasheet HTML 6Page - Sanyo Semicon Device LC877G16A Datasheet HTML 7Page - Sanyo Semicon Device LC877G16A Datasheet HTML 8Page - Sanyo Semicon Device LC877G16A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LC877G16A
No.A2006-4/17
Standby Function
• HALT mode: HALT mode is used to minimize power dissipation of the IC.
Halts instruction execution while allowing the peripheral circuits to continue operation.
(Some serial transfer functions are suspended.)
1) Oscillators do not stop automatically.
2) Released by a system reset or occurrence of an interrupt.
• HOLD mode: HOLD mode is used to minimize power dissipation of the IC.
Suspends instruction execution and operation of the peripheral circuits.
1) The CF and RC oscillators automatically stop operation.
2) There are three ways of releasing HOLD mode.
(1) Setting the reset pin to a low level
(2) Setting at least one of the INT0, INT1, and INT3 pins to the specified level
(3) Establishing an interrupt source at port 0
Package Form
• ΤQFP100 (14×14)
“Lead-free and halogen-free product”
Development Tools
• On-chip debugger: TCB87-Type B + LC87D7G16A
TCB87-Type C (3-wire cable) + LC87D7G16A


Similar Part No. - LC877G16A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Similar Description - LC877G16A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com