Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74900 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74900
Description  CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74900 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74900 Datasheet HTML 6Page - Sanyo Semicon Device LC74900 Datasheet HTML 7Page - Sanyo Semicon Device LC74900 Datasheet HTML 8Page - Sanyo Semicon Device LC74900 Datasheet HTML 9Page - Sanyo Semicon Device LC74900 Datasheet HTML 10Page - Sanyo Semicon Device LC74900 Datasheet HTML 11Page - Sanyo Semicon Device LC74900 Datasheet HTML 12Page - Sanyo Semicon Device LC74900 Datasheet HTML 13Page - Sanyo Semicon Device LC74900 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LC74900
No.A2000-11/14
Pin Type
I/O type
Function
Equivalent circuit
Applicable pins
A
Schmitt trigger
CMOS input
XRST,XPDWN,SCS_I2SEL,XMUTE
B
8mA
3-STATE drive
CMOS I/O
GP0,GP1,GP2,STXD,INTO,
DROUT0,DROUT1,DROUT2,DROUT3,
DROUT4,DROUT5,DROUT6,DROUT7,
DBOUT0,DBOUT1,DBOUT2,DBOUT3,
DBOUT4,DBOUT5,DBOUT6,DBOUT7,
DGOUT0,DGOUT1,DGOUT2,DGOUT3,
DGOUT4,DGOUT5,DGOUT6,DGOUT7
DVSO,DHSO,DDEO,DEXR,
PWM,POL,SP,STRB,
CPV,OE,FLM,GRST
C
8mA
OpenDrain output
CMOS input*
SCK_SCL,SRXD_SDA
D
CMOS input
SIOSEL,MODE2,MODE3,TEST,MODE0,
DCKI,MODE1,DDEI,DVSI,DHSI,
DCBIN0,DCBIN1,DCBIN2,DCBIN3,
DCBIN4,DCBIN5,DCBIN6,DCBIN7,
DYGIN0,DYGIN1,DYGIN2,DYGIN3,
DYGIN4,DYGIN5,DYGIN6,DYGIN7
E
Analog I/O
REFPKV,VRT,REFNKV,VRB,AIN4,
AIN3,AIN2,AIN1,SVO,LPFO
F
Oscillator circuit I/O
XTALI,XTALO
G
12mA
3-STATE drive
CMOS output
DCKO1
H
3.3V: 8mA
1.8V: 3mA
3-STATE drive
CMOS I/O
DCRIN0,DCRIN1,DCRIN2,DCRIN3,
DCRIN4,DCRIN5,DCRIN6,DCRIN7
J
3.3V: 12mA
1.8V: 5mA
3-STATE drive
CMOS output
DCKO2


Similar Part No. - LC74900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
More results

Similar Description - LC74900

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL8332 ETRON-EL8332 Datasheet
247Kb / 2P
   Small Size LCD Processor
EL8323 ETRON-EL8323 Datasheet
51Kb / 2P
   Small Size LCD Processor
logo
Sanyo Semicon Device
LC74950BG SANYO-LC74950BG Datasheet
356Kb / 37P
   CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com