Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ172 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BUZ172
Description  SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ172 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BUZ172 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ172 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
07/96
Semiconductor Group
BUZ 172
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
°C
160
T
C
0
5
10
15
20
25
30
35
W
45
P
tot
Drain current
ID = ƒ(TC)
parameter:
V
GS ≥ -10 V
0
20
40
60
80
100
120
°C
160
T
C
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
A
-6.0
I
D
Safe operating area
I
D = ƒ(VDS)
parameter:
D = 0.01, T
C = 25°C
-1
-10
0
-10
1
-10
2
-10
A
I
D
-10
0
-10
1
-10
2
V
V
DS
R
V
I
DC
10 ms
1 ms
100 µs
t
p
= 25.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter:
D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BUZ172

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ172 ISC-BUZ172 Datasheet
247Kb / 2P
   Isc P-Channel MOSFET Transistor
More results

Similar Description - BUZ172

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ171 SIEMENS-BUZ171 Datasheet
189Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ173 SIEMENS-BUZ173 Datasheet
180Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ271 SIEMENS-BUZ271 Datasheet
129Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ272 SIEMENS-BUZ272 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com