Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-060-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK672-060-E
Description  Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-060-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK672-060-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STK672-060-E
No.7441-3/19
Electrical Characteristics at Tc = 25
°C, VCC1 = 24V, VCC2 = 5V
Rating
Parameters
Symbols
Conditions
min
typ
max
unit
Control supply current
ICC
Pin 7, with ENABLE pin held low.
2.5
14
mA
Output saturation voltage
Vsat
RL = 23Ω (I ≈ 1A)
0.8
1.1
V
Average output current
Ioave
Load: R = 3.5
Ω / L = 3.8mH
For each phase, Vref
≈ 1.69V
0.470
0.524
0.580
A
FET diode forward voltage
Vdf
If = 1A
1.2
1.8
V
[Control Inputs]
VIH
Except for the Vref pin
4
V
Input voltage
VIL
Except for the Vref pin
1
V
IIH
Except for the Vref pin
0
1
10
μA
Input current
IIL
Except for the Vref pin
125
250
510
μA
[Vref Input Pin]
Input voltage
VI
Pin 8
0
2.5
V
Input current
II
Pin 8, VI = 2.5V
330
415
545
μA
[Control Outputs]
VOH
I = –3mA, pins MOI, MO1, MO2
2.4
V
Output voltage
VOL
I = +3mA, pins MOI, MO1, MO2
0.4
V
[Current Distribution Ratio (A·B)]
2W1-2, W1-2, 1-2
Vref
θ = 1/8
100
%
2W1-2, W1-2
Vref
θ = 2/8
92
%
2W1-2
Vref
θ = 3/8
83
%
2W1-2, W1-2, 1-2
Vref
θ = 4/8
71
%
2W1-2
Vref
θ = 5/8
55
%
2W1-2, W1-2
Vref
θ = 6/8
40
%
2W1-2
Vref
θ = 7/8
21
%
2
Vref
100
%
PWM frequency
fc
37
47
57
kHz
Note: A constant-voltage power supply must be used.
The design target value is shown for the current distribution ratio.
Package Dimensions
unit:mm (typ)
4161
122
53.0
0.5
2.0
9.0
0.4
2.9
21 2=42


Similar Part No. - STK672-060-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
More results

Similar Description - STK672-060-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com