Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP3710G Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SFP3710G
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFP3710G Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFP3710G Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP3710G Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
SFP3710G
SFP3710G
SFP3710G
SFP3710G
Rev.A Aug.2010
Silicon N-Channel MOSFET
Features
59A,100V,RDS(on)(Max 18mΩ)@VGS=10V
Ultra-low Gate Charge(Typical 1180nC)
Fast Switching Capability
100%Avalanche Tested
Maximum Junction Temperature Range(175℃)
General Description
This Power
MOSFET is produced using Winsemi's
advanced
planar stripe,DMOS technology. This latest technology has been
especially designed to minimize on -state resistance,have a high
rugged
avalanche characteristics. This devices is specially well
suited
for switching regulators, switching convertors, motor and
relay
drivers ,
and
drivers
for high power bipolar switching
transistor demanding high speed and low gate drive power.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
100
V
ID
Continuous Drain Current(@Tc=25℃)
59
A
Continuous Drain Current(@Tc=100℃)
42
A
IDM
Drain Current Pulsed
(Note1)
240
A
VGS
Gate to Source Voltage
±20
V
EAS
Single Pulsed Avalanche Energy
(Note2)
170
mJ
EAR
Repetitive Avalanche Energy
(Note1)
7.4
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
5.8
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
136
W
Derating Factor above 25℃
1.3
W/℃
TJ,Tstg
Junction and Storage Temperature
-55~150
TL
Maximum lead Temperature for soldering purposes
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.92
℃/W
RQCS
Thermal Resistance , Case-to-Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W


Similar Part No. - SFP3710G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFP37S10K238B-F CDE-SFP37S10K238B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFP37S12.5K238B-F CDE-SFP37S12.5K238B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFP37S15K238B-F CDE-SFP37S15K238B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFP37S17.5K238B-F CDE-SFP37S17.5K238B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFP37S20K238B-F CDE-SFP37S20K238B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
More results

Similar Description - SFP3710G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com