Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA317F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA317F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA317F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA317F Datasheet HTML 1Page - KEC(Korea Electronics) KIA317F Datasheet HTML 2Page - KEC(Korea Electronics) KIA317F Datasheet HTML 3Page - KEC(Korea Electronics) KIA317F Datasheet HTML 4Page - KEC(Korea Electronics) KIA317F Datasheet HTML 5Page - KEC(Korea Electronics) KIA317F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2012. 1. 31
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA317F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 6
3-TERMINAL 1.5A POSITIVE ADJUSTABLE REGULATOR
The KIA317F/FP/PI/S is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5A
over a 1.25V to 37V output range. This is exceptionally easy to use and require only two external resistors
to set the output voltage. Further, both line and load regulation are better than standard fixed regulators.
FEATURES
・Adjustable output between 1.25V and 37V
・Guaranteed 1.5A output current
・Line regulation typically 0.001%/V
・Load regulation typically 0.1%
・80dB ripple rejection (with Cadj)
・Internal thermal overload protection
・Internal short-circuit current limiting
・Output transistor safe-area compensation
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input-Output Voltage Differential
VIN
40
V
Output Current
IOUT
1.5
A
Power Dissipation
(No Heatsink)
F
DPAK
PD
1.3
W
PI
TO-22IS
2.0
Maximum Junction Temperature
Tj(max)
150
Operating Junction Temperature
Topr
-30
~125
Storage Temperature
Tstg
-65
~150
Lead Temperature
Tlead
230
BLOCK DIAGRAM


Similar Part No. - KIA317F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA317F KEC-KIA317F Datasheet
1Mb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA317F-PI KEC-KIA317F-PI Datasheet
1Mb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA317F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com