Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA431B Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431B
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431B Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431B Datasheet HTML 1Page - KEC(Korea Electronics) KIA431B Datasheet HTML 2Page - KEC(Korea Electronics) KIA431B Datasheet HTML 3Page - KEC(Korea Electronics) KIA431B Datasheet HTML 4Page - KEC(Korea Electronics) KIA431B Datasheet HTML 5Page - KEC(Korea Electronics) KIA431B Datasheet HTML 6Page - KEC(Korea Electronics) KIA431B Datasheet HTML 7Page - KEC(Korea Electronics) KIA431B Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2012. 3. 20
2/8
KIA431 Series
Revision No : 16
Cathode (K)
Anode (A)
Reference (R)
2.5Vref
+
-
Reference (R)
Anode (A)
Cathode (K)
BLOCK DIAGRAM
ORDERING INFORMATION
Vref Tolerance code
Package Code
Pin Configuration (SOT-23 Only)
Pb-Free / Halogen-Free
Blank
±2.2%
Blank
TO-92
Blank
A-Type
P
Pb-Free
A
±1.0%
F
SOT-89
2
B-Type
H
Halogen-Free
B
±0.5%
S
TSM
T
TSV
M
SOT-23
KIA431
Pb-Free / Halogen-Free
Packing Specification
Pin configuration (SOT-23 Only)
Package code
Vref Tolerance code
Packing Specification
TO-92
AT : Taping of AMMO PACK type
SOT-89
RTF : RTF type
TSM / SOT-23
RTK : RTK type
TSV
RTK : RTK type


Similar Part No. - KIA431B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
   Laser Marking
KIA431B KEC-KIA431B Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431BA KEC-KIA431BA Datasheet
384Kb / 6P
   SEMICONDUCTOR
KIA431BAM KEC-KIA431BAM Datasheet
384Kb / 6P
   SEMICONDUCTOR
KIA431BAM2 KEC-KIA431BAM2 Datasheet
384Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA431B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com