Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA2431AP Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA2431AP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2431AP Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA2431AP Datasheet HTML 1Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 2Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 3Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA2431AP Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2011. 7. 6
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA2431P/S/T/M/AP/AS/
AT/AM/BM
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 6
PROGRAMMABLE PRECISION REFERENCES
The KIA2431P/S/T/M/AP/AS/AT/AM/BM are integrated
circuits are three-terminal programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low temperature
coefficient zener which is programmable from Vref to 16 volts with
two external resistors.
These devices exhibit a wide operating current range of 80
μA
to 50mA with a typical dynamic impedance of 0.22
Ω.
The characteristics of these references make them excellent
replacements for zener diodes in many applications such as
digital voltmeters, power supplies, and op amp circuitry.
FEATURES
・Programmable Output Voltage to 16 Volts.
LINE UP
ITEM
Package
Vref Tolerance (%)
KIA2431
P
TO-92
±1.5
S
TSM
T
TSV
M
SOT-23
KIA2431
AP
TO-92
±1.0
AS
TSM
AT
TSV
AM
SOT-23
KIA2431
BM
SOT-23
±0.5
・Low Dynamic Output Impedance : 0.22Ω(Typ.).
・Sink Current Capability of 80μA to 50mA.
・Equivalent Full-Range Temperature Coefficient of 30ppm/℃ (Typ.).
・Temperature Compensated for Operation Over Full Rated
Operating Temperature Range.
・Low Output Noise Voltage.
Type No.
Marking
KIA2431T/S/M
24A
KIA2431AT/AS/AM
24B
KIA2431BM
24C
Marking


Similar Part No. - KIA2431AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA2431AP KEC-KIA2431AP Datasheet
675Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
More results

Similar Description - KIA2431AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com