Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA431M Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA431M
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431M Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA431M Datasheet HTML 1Page - KEC(Korea Electronics) KIA431M Datasheet HTML 2Page - KEC(Korea Electronics) KIA431M Datasheet HTML 3Page - KEC(Korea Electronics) KIA431M Datasheet HTML 4Page - KEC(Korea Electronics) KIA431M Datasheet HTML 5Page - KEC(Korea Electronics) KIA431M Datasheet HTML 6Page - KEC(Korea Electronics) KIA431M Datasheet HTML 7Page - KEC(Korea Electronics) KIA431M Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2012. 3. 20
5/8
KIA431 Series
Revision No : 16
-2.0
K
I
- V
CATHODE VOLTAGE VKA (V)
CATHODE VOLTAGE VKA (V)
CATHODE VOLTAGE VKA (V)
-1.0
3.0
0
1.0
2.0
-100
50
-50
0
KA
100
150
40
20
010
1.0M
100k
10k
10M
1.0k
FREQUENCY f (Hz)
Zka
- f
FREQUENCY f (Hz)
GVO - f
3.0
5.0
0
16
12
8.0
20
4.0
TIME t (
µs)
0
PULSE RESPONSE
-24
-32
-16
0
-8.0
100
10
0.1
1.0
0
-10
10
800
600
KA
0
-200
2.0
1.0
0
3.0
-1.0
I
- V
K
200
400
V
=V
Ta=25 C
KA
ref
ref
KA
Ta=25 C
V
=V
30
Ta=25 C
K
I =10mA
I =1.0mA~100mA
Ta=25 C
K
20
30
40
50
60
1.0k
10M
10k
100k
1.0M
I =10mA
Ta=25 C
K
0
2.0
1.0
Ta=25 C
OUTPUT
INPUT
Vref - VKA
0
100
0
PD - Ta
25
50
75
100
125
150
175
200
300
400
500
600
700
800
1000
900
AMBIENT TEMPERATURE Ta ( C)
KIA431F
KIA431S
KIA431T
KIA431
KIA431M


Similar Part No. - KIA431M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431M KEC-KIA431M Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA431M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com