Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA431520F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA431520F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431520F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA431520F Datasheet HTML 1Page - KEC(Korea Electronics) KIA431520F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 2. 22
1/2
SEMICONDUCTOR
TECHNICAL DATA
KIA431340F~KIA431525F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
COMPLEX SHUNT REGULATOR
FEATURES
Few External Componets. (Bulit-in Output fixed Resistor)
Fixed Output Voltage of 3.40V, 5.05V, 5.15V, 5.20V, 5.25V.
Sink Current Capability of 5mA to 100mA.
Output Voltage Tolerance :
2%.
Package Outline : FLP-8
FLP-8
L
1
4
5
8
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode to Anode Voltage
VKA
36
V
Cathode Current Range
IK
-100~150
mA
Reference Input Current Range
IREF
-0.05~10
mA
Power Dissipation
PD
400
mW
Operating Junction Temperature
Topr
-40~85
Storage Temperature
Tstg
-65
150
1
2
3
4
8
7
6
5
Cathode
NC
Reference
NC
VOUT
NC
GND
Photo Coupler Input
ITEM
OUTPUT VOLTAGE (Typ.)
PACKAGE
* KIA431340F
3.40
FLP-8
* KIA431505F
5.05
* KIA431515F
5.15
KIA431520F
5.20
* KIA431525F
5.25
LINE-UP
* Under Development.
PIN CONNECTION (TOP VIEW)


Similar Part No. - KIA431520F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431 KEC-KIA431 Datasheet
133Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
KIA431 KEC-KIA431 Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431 KEC-KIA431 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431A KEC-KIA431A Datasheet
133Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
KIA431A KEC-KIA431A Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA431520F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com