Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3210T-019 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIC3210T-019
Description  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-019 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC3210T-019 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-019 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-019 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-019 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-019 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2007. 6. 19
4/5
KIC3210T-018 ~ KIC3210T-035
Revision No : 5
INPUT VOLTAGE VIN (V)
FREQUENCY (Hz)
60
40
50
70
10
0
30
20
10
1
10
2
10
3
10
4
10
5
10
6
60
20
0
80
40
100
140
120
1.0
0
0.5
1.5
2.0
3.0
3.5
4.0
4.5
2.5
5.0
Fig. 1 R.R
Fig. 2 VIN - IGND
INPUT VOLTAGE VIN (V)
1.5
0.5
0
2.0
1.0
2.5
3.5
3.0
1.0
0
0.5
1.5
2.0
3.0
3.5
4.0
4.5
2.5
5.0
Fig. 3 VIN - VOUT
0.6
0.2
0
0.8
0.4
0.1
0.14
0.12
0
-40
-20
20
40
80
100
120
140
60
Fig. 4 Ta - VDROP
I
OUT = 100µA
I
OUT = 100µA
150mA*
100mA*
50mA*
100
µA*
*I
OUT
C
OUT=1µF Ceramic
I
OUT =100µA
I
OUT =150mA
TEMPERTURE Ta ( C)
3.01
2.99
2.97
2.98
2.96
2.95
3.02
3.00
3.03
3.05
3.04
0
-40
-20
20
40
80
100
120
140
60
Fig. 5 Ta - VOUT
Fig. 6 Line Transient Response
I
OUT = 100µA
TEMPERTURE Ta ( C)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
I
OUT=100µA
TIME (400
µs/div)
4V
5V


Similar Part No. - KIC3210T-019

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-026 KEC-KIC3210T-026 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-027 KEC-KIC3210T-027 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-028 KEC-KIC3210T-028 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
KIC3210T-029 KEC-KIC3210T-029 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3210T-019

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com