Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

KRC105 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

Part No. KRC105
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KRC105 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
2011. 7. 26
4/6
KRC101~KRC106
Revision No : 2
I - V
I(ON)
INPUT ON VOLTAGE V
(V)
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I - V
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I - V
I - V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
I - V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
KRC101
V =0.2V
O
Ta=25 C
Ta=-25 C
25
-25
100
KRC102
KRC103
KRC104
KRC105
KRC106
V =0.2V
O
Ta=25 C
Ta=-25 C
V =0.2V
O
O
V =0.2V
V =0.2V
O
O
V =0.2V
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=25 C
Ta=-25 C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn